Part Number Hot Search : 
C2012 SM6T12A2 IPP80N04 K3010S 2SB15 A107M SB100 4HCT1
Product Description
Full Text Search
 

To Download SR2333-U Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Semiconductor
SR2333-U
Chip LED
Features
* * * * Colorless transparency lens type Compact type Radiation size 2.9mm(L)x1.3mm(W) surface mount type Ultra luminosity
Applications
* * * * LCD backlighting Keypad backlighting Symbol backlighting Front panel indicator lamp
Outline Dimensions
unit : mm
2.40~2.60 1.20~1.40
2.80~3.00
1.80~2.00
0.50 Max.
0.90~1.10
0.50 Max.
3
0.10 Max.
0.20 Min.
1
2
PIN Connections 1. Cathode 2. NC 3. Anode
KSD-O8Q009-001
1
SR2333-U
Absolute Maximum Ratings
Characteristic
Power dissipation Forward current * Peak forward current Reverse voltage Operating temperature range Storage temperature range
2 1
(Ta=25oC)
Symbol
PD IF IFP VR Topr Tstg
Rating
63 25 50 4 -25+80 -30+100
Unit
mW mA mA V C C
* Soldering temperature Tsol 240C for 10 seconds *1. Duty ratio = 1/16, Pulse width = 0.1ms *2. Recommended reflow soldering temperature profile - Preheating 150 to 185 within 120 seconds soldering 240 within 10 seconds Gradual cooling (Avoid quenching) Temp () 240 Peak Temp max. 240 Preheating area 150~185, 9030sec 185 150 max. 3/sec max. 4/sec Time from 25 to Peak Temperature max. 6min 0 60 150 180 240 Time (sec) max. -6/sec max. 10sec
Solder area 220, max. 60sec
25
Electrical / Optical Characteristics
Characteristic
Forward voltage Luminous intensity Peak wavelength Spectrum bandwidth Reverse current
(Ta=25oC)
Symbol
VF IV
Test Condition
IF= 20mA IF= 20mA IF= 20mA IF= 20mA VR=4V
Min.
21 -
Typ.
1.9 35 660 20 55 70
Max.
2.5 10 -
Unit
V mcd nm nm uA deg
P
IR
*3Half angle
1/2
X Y
IF= 20mA
*3. 1/2 is the off-axis angle where the luminous intensity is 1/2 the peak intensity
KSD-O8Q009-001
2
SR2333-U
Characteristic Diagrams
Fig. 1 IF - VF Fig. 2 IV - IF
Forward Current IF [mA]
Luminous Intensity Iv [mcd]
Forward Voltage VF [V]
Forward
Current IF [mA]
Fig. 3 IF - Ta
Fig.4 Spectrum Distribution
Current IF [mA]
Forward
Relative Intensity [%]
Ambient Temperature Ta []
Wavelength [nm]
Fig. 5-1 Radiation Diagram(X)
Fig. 5-2 Radiation Diagram(Y)
100
50
0
50
100
Relative Luminous Intensity Iv [%]
Relative Luminous Intensity Iv [%]
KSD-O8Q009-001
3
SR2333-U
The AUK Corp. products are intended for the use as components in general electronic equipment (Office and communication equipment, measuring equipment, home appliance, etc.). Please make sure that you consult with us before you use these AUK Corp. products in equipments which require high quality and / or reliability, and in equipments which could have major impact to the welfare of human life(atomic energy control, airplane, spaceship, transportation, combustion control, all types of safety device, etc.). AUK Corp. cannot accept liability to any damage which may occur in case these AUK Corp. products were used in the mentioned equipments without prior consultation with AUK Corp.. Specifications mentioned in this publication are subject to change without notice.
KSD-O8Q009-001
4


▲Up To Search▲   

 
Price & Availability of SR2333-U

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X